Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
 

To Download 2SC1667 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC1667 description with to-3 package low collector saturation voltage excellent safe operating area applications for use in high power audio amplifier applications and high voltage switching regulator circuits pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 90 v v ceo collector-emitter voltage open base 90 v v ebo emitter-base voltage open collector 7 v i c collector current 4 a p d total power dissipation t c =75 50 w t j junction temperature 175  t stg storage temperature -55~175  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC1667 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =50ma ;i b =0 90 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =3a; i b =0.3a 1.0 v v be sat base-emitter saturation voltage i c =3a; i b =0.3a 1.5 v i cbo collector cut-off current v cb =90v ; i e =0 0.1 ma i ebo emitter cut-off current v eb =7v; i c =0 0.1 ma h fe dc current gain i c =1a ; v ce =4v 40 200 f t transition frequency i c =0.5a ; v ce =10v 10 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2SC1667 package outline fig.2 outline dimensions (unindicated tolerance:0.10mm)


▲Up To Search▲   

 
Price & Availability of 2SC1667

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X